Part Number Hot Search : 
MC68HC SK055R 37100 19040351 11N80C3 PHT4NQ10 W13NK100 PSUH95
Product Description
Full Text Search
 

To Download 2SD1733TLQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sd1898 / 2sd1733 / 2sd1768s / 2sd1863 transistors power transistor (80v, 1a) 2sd1898 / 2sd1733 / 2sd1768s / 2sd1863 ! features 1) high v ceo , v ceo =80v 2) high i c , i c =1a (dc) 3) good h fe linearity 4) low v ce (sat) 5) complements the 2sb1260 / 2sb1241 / 2sb1181 ! ! ! ! structure epitaxial planer type npn silicon transistor ! ! ! ! external dimensions (units : mm) (1) emitter (2) collector (3) base rohm : spt eiaj : sc-72 2sd1768s (1) emitter (2) collector (3) base rohm : atv 2sd1863 (1) base (2) collector (3) emitter rohm : cpt3 eiaj : sc-63 2sd1733 (1) base (2) collector (3) emitter rohm : mpt3 eiaj : sc-62 2sd1898 abbreviated symbol : df taping specifications taping specifications ? 0.1 + 0.2 ? 0.05 + 0.1 ? 0.1 + 0.2 + 0.2 ? 0.1 (3) (2) (1) 4.00.3 1.00.2 0.50.1 2.5 3.00.2 1.50.1 1.50.1 0.40.1 0.50.1 0.40.1 0.4 1.5 4.5 1.60.1 ? 0.1 + 0.2 + 0.3 ? 0.1 2.3 0.2 2.3 0.2 0.65 0.1 0.9 0.75 5.5 1.5 0.3 6.5 0.2 5.1 c0.5 (3) (2) (1) 0.9 ? 0.1 + 0.2 1.0 0.2 0.55 0.1 9.5 0.5 2.5 1.5 2.3 0.5 0.1 30.2 (15min.) 40.2 0.45 5 (1) (2) (3) + 0.15 ? 0.05 2.5 + 0.4 ? 0.1 3min. 20.2 0.45 0.5 ? 0.05 + 0.15 1.0 6.80.2 2.50.2 1.05 0.450.1 2.54 2.54 0.50.1 0.9 4.40.2 14.50.5 (1) (2) (3) 0.65max.
2sd1898 / 2sd1733 / 2sd1768s / 2sd1863 transistors ! ! ! ! absolute maximum ratings (ta=25 c) parameter symbol limits unit collector-base voltage v cbo 100 v collector-emitter voltage v ceo 80 v emitter-base voltage v ebo 5v collector current i c 1 a (dc) 2 a (pulse) ? 1 junction temperature tj 150 c storage temperature tstg ? 55~ + 150 c collector power dissipation p c 0.5 2 ? 2 1 ? 3 10 0.3 1 1.2 w w (tc=25 c) w ? 1 pw=20ms, duty=1 / 2 ? 2 printed circuit board 1.7mm thick, collector copper plating 1cm 2 or larger. ? 3 when mounted on a 40 40 0.7mm ceramic board. 2sd1898 2sd1733 2sd1768s 2sd1863 ! ! ! ! electrical characteristics (ta=25 c) parameter collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current collector-emitter saturation voltage dc current transfer ratio transition frequency output capacitance symbol bv cbo bv ceo bv ebo i cbo i ebo v ce(sat) h fe f t cob min. 100 80 5 ? ? ? 180 2sd1863 2sd1733, 2sd1898 2sd1768s ? ? ? ? ? ? ? 0.15 ? 100 20 ? ? ? 1 1 0.4 390 ? ? vi c = 50 a i c = 1ma i e = 50 a v cb = 80v v eb = 4v i c /i b = 500ma/20ma v ce = 10v, i e = ? 50ma, f = 100mhz v ce = 3v, i c = 0.5a ? v cb = 10v, i e = 0a, f = 1mhz v v a a v ? 82 ? 390 ? 120 ? 390 ? mhz pf typ. max. unit conditions ? measured using pulse current
2sd1898 / 2sd1733 / 2sd1768s / 2sd1863 transistors ! ! ! ! packaging specifications and h fe package taping code 2sd1898 type t100 1000 h fe tl 2500 ? tp 5000 ? ? 2sd1733 ? ? 2sd1768s ? ? 2sd1863 pqr pqr qr r ?? tv2 2500 ? ? ? basic ordering unit (pieces) h fe values are classified as follows : item h fe r 180~390 q 120~270 p 82~180 ! ! ! ! electrical characteristic curves 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 collector current : i c (ma) base to emitter voltage : v be (v) fig.1 grounded emitter propagation characteristics 1000 100 10 1 ta=25 c v ce =5v 24 0810 6 collector current : i c ( a) collector to emitter voltage : v ce ( v) fig.2 grounded emitter output characteristics 1.0 0 0.8 0.6 0.4 0.2 6ma 5ma 4ma 3ma 2ma 1ma i b =0ma ta=25 c 0 100 1000 100 0 10 1000 dc current gain : h fe collector current : i c ( ma) fig.3 dc current gain vs. collector current ta=25 c v ce =3v 1v 0.01 0.1 1.0 2.0 0.2 0.02 0.05 0.5 100 0 10 1000 collector saturation voltage : v ce(sat) ( v) collector current : i c ( ma) fig.4 collector-emitter saturation voltage vs. collector current i c /i b =20/1 ta=25 c 10/1 1 2 5 10 20 50 100 200 500 1000 transition frequency : f t (mhz) emitter current : ? i e (ma) fig.5 gain bandwidth product vs. emitter current 500 200 100 50 20 10 5 2 ta=25 c v ce =5v 0.1 0.2 0.5 1 2 5 10 20 50 100 collector output capacitance : cob ( pf) emitter input capacitance : cib ( pf) collector to base voltage : v cb ( v) emitter to base voltage : v eb ( v) fig.6 collector output capacitance vs. collector-base voltage emitter input capacitance vs. emitter-base voltage 100 1000 10 1 ta=25 c f=1mhz i e =0a ic=0a
2sd1898 / 2sd1733 / 2sd1768s / 2sd1863 transistors collector to emitter voltage : v ce (v) collector current : i c (a) 0.1 0.2 0.5 1 2 5 10 20 50 100 500 200 1000 10 5 2 1 20m 10m 5m 2m 1m 50m 100m 200m 500m ic max (pulse) ta=25 c single non-repetitive pulse pw=10m s pw=100ms dc fig.7 safe operating area (2sd1863) ic max (pulse) ta=25 c single non-repetitive pulse pw=10m s pw=100ms dc collector to emitter voltage : v ce ( v) collector current : i c ( a) 0.1 0.2 0.5 1 2 5 10 20 50 100 500 200 1000 10 5 2 1 20m 10m 5m 2m 1m 50m 100m 200m 500m fig.8 safe operating area (2sd1898)


▲Up To Search▲   

 
Price & Availability of 2SD1733TLQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X